|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY DS60 Micro-Centigrade Temperature Sensor www.dalsemi.com FEATURES Factory calibrated for sensitivity of +6.25mV/C and accuracy of 2.0C Measurement range of -40C to +125C Ultra-low supply current Compact SOT-23 package Wide power supply range (2.7V VDD 5.5V) Functionally-compatible with LM60 Applications include monitoring battery packs, disk drives, printers, office equipment or any space and power sensitive and temperature sensitive environments. PIN ASSIGNMENT GND VDD VO DS60R-TRL 3,000 PIECE SOT-23 REEL PIN DESCRIPTION VDD VO GND - Power Supply Voltage (2.7V to 5.5V) - Sensor Output - Ground DESCRIPTION The DS60 Micro-Centigrade Temperature Sensor is a factory-calibrated voltage output Centigrade temperature sensor. The thermometer output has a typical sensitivity of +6.25mV/C and a DC offset of +424 mV. The measurement range is -40C to +125C, corresponding to a typical output range of +174 mV to +1205 mV. Because the output voltage is positive for the entire temperature range, there is no need for a negative power supply. The accuracy of the analog output, taking into account amplifier nonlinearity, gain variations, and temperature sensor variations is 2.0C from 0C to 85C and within 3.0C over the full voltage and temperature range. The power supply range of the DS60 is 2.7V to 5.5V. Its low current requirement of 125 A and wide supply range make it ideal in battery-powered applications. To further reduce power dissipation, the DS60 can be switched to a zero power standby state by logic gate outputs capable of sourcing current of this magnitude. The small size of the SOT-23 package, wide power supply range, and ultra-low power dissipation allow the DS60 to be used in thermal management applications that are currently limited to nonlinear thermistors. These include battery packs, LCD displays, disk drives, power supplies, and appliances. 1 of 4 102299 DS60 ABSOLUTE MAXIMUM RATINGS* Voltage on VDD Output Current Operating Temperature Storage Temperature ESD Susceptibility (Human Body Model) Soldering Temperature (Note 2) GND -0.3V to +6.5V 5.0 mA -40C to +125C -55C to +150C 2kV 215C for 60 seconds (Vapor Phase) 220C for 15 seconds (IR) * This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability. The Dallas Semiconductor DS60 is built to the highest quality standards and manufactured for long-term reliability. All Dallas Semiconductor devices are made using the same quality materials and manufacturing methods. However, the DS60 is not exposed to environmental stresses, such as burn-in, that some industrial applications require. For specific reliability information on this product, please contact the factory in Dallas at (972) 371-4448. RECOMMENDED DC OPERATING CONDITIONS (-40C to +125C; 2.7V VDD 5.5V) PARAMETER Supply Voltage SYMBOL VDD CONDITION MIN 2.7 TYP MAX 5.5 UNITS V NOTES 1 DC ELECTRICAL CHARACTERISTICS: Power Supply (Note 3) PARAMETER Supply Current SYMBOL IDD CONDITION (-40C to +125C; 2.7V VDD 5.5V) MIN TYP 80 MAX 125 UNITS A NOTES DC ELECTRICAL CHARACTERISTICS: Temperature Sensor and Voltage Output (Note 3) (-40C to +125C; 2.7V VDD 5.5V) PARAMETER Thermometer Error VO DC Offset Sensor Gain Nonlinearity Power Supply Regulation Sensor Drift Output Impedance 2 of 4 SYMBOL TERR CONDITION -40C A T 125C 0C A T 85C T = 0C MIN TYP MAX 3 C 2 6.0 2.7V DD V 3.3V 3.0V DD V 5.5V 0.25 800 424 6.25 6.5 0.8 2.0 0.25 mV mV/C C mV mV/V C 6 102299 1 5 4 UNITS NOTES V/T DS60 NOTES: 1. All voltages are referenced to ground, unless otherwise specified. 2. Solder according to IPC standards. 3. Specified for VO sourcing 1.0 A (max). 4. Thermometer error (expressed in C) is the difference between [VO(T) - 424]/6.25 and the DS60 case temperature at VDD = 3.0V, thus taking into account sensor error, DC offset error, sensor amplifier gain variations, and amplifier nonlinearity. 5. Nonlinearity is the maximum deviation of an ideal linear slope for a given DS60. 6. This is the typical drift following 3 consecutive passes through a vapor phase. TYPICAL DS60 THERMOMETER ERROR Figure 1 TBD 3 of 4 102299 DS60 DS60 PHYSICAL DIMENSIONS LTR A A1 B C D E e H I S INCHES MIN MAX 0.030 0.040 0.001 0.006 0.015 0.022 0.003 0.008 0.100 0.120 0.040 0.060 0.070 0.085 0.080 0.100 0.005 0.015 0.015 0.025 0 8 NOTES: 1. PACKAGE OUTLINE EXCLUSIVE OF ANY MOLD FLASHES DIMENSION. 2. PACKAGE OUTLINE DIMENSION. EXCLUSIVE OF BURR 56-G2017-001 4 of 4 102299 |
Price & Availability of DS60R-TRL |